Part Number Hot Search : 
XR16L788 8117C 3801U 100M10 IDD06E60 HBL2A P1014A TS4148RX
Product Description
Full Text Search
 

To Download NCN1154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 may, 2011 ? rev. 3 1 publication order number: NCN1154/d NCN1154 usb 2.0 high speed, uart and audio switch with negative signal capability the NCN1154 is a dp3t switch for combined true ? ground audio, usb 2.0 high speed data, and uart applications. it allows portable systems to use a single port to pass either high speed data or audio signals from an external headset; the 3 channels being compliant to usb 2.0, usb 1.1 and usb 1.0. the switch is capable of passing signals with negative voltages as low as 2 v below ground. the device features shunt resistors on the audio ports. these resistors are switched in when the audio channel is off and provide a safe path to ground for any charge that may build up on the audio lines. this reduces pop & click noise in the audio system. the NCN1154 is housed in a space ? saving, ultra low profile 2.0x1.7x0.5mm, 12 pin uqfn package. features ? 3:1 high speed switch ? usb 2.0, usb 1.1 & usb 1.0 capable on all channels ? high bandwidth of 820 mhz on d+/d ? ? capable of passing negative swing signals down to ? 2 v on r/l channel ? 1.8 v compatible control pins for 2.7 v  v cc  4.2 v ? audio channel shunt resistors for pop & click noise reduction ? ultra low thd in audio mode: 0.01% into 16  load ? 5.25 v tolerant common pins ? this is a pb ? free device typical applications ? micro or mini usb applications ? shared high speed data or audio on a single connector ? mobile phones ? tablets ? bar code scanners ? portable devices http://onsemi.com uqfn12 mu suffix case 523ae marking diagram device package shipping ? ordering information NCN1154mutag uqfn12 (pb ? free) 3000 / tape & reel application diagram ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. ac = specific device code m = date code  = pb ? free package acm  1 NCN1154 usb connector com+ com ? d+ d ? rx tx r l in1, in2 from baseband usb/ uart usb/ uart usb/ uart/ audio
NCN1154 http://onsemi.com 2 figure 1. functional block diagram figure 2. pinout diagram (top view) 1 2 3 4 5 11 10 9 8 7 12 6 tx v cc rx d ? in1 com+ gnd com ? in2 d+ l r d ? d+ com+ l r com ? gnd in2 rx tx control logic in1 vcc pin descriptions pin # name direction description 1 d+ i/o positive data line for usb signals 2 tx i/o transmit data line for uart signals 3 v cc power power supply 4 rx i/o receive data line for uart signals 5 d ? i/o negative data line for usb signals 6 r i/o right line for audio signals 7 in2 input control input select line 8 com ? i/o right audio / negative data common line 9 gnd power ground 10 com+ i/o left audio / positive data common line 11 in1 input control input select line 12 l i/o right line for audio signals truth table in1 in2 d+, d ? r x /t x l, r l, r shunt 0 0 hi z hi z hi z on 0 1 on hi z hi z on 1 0 hi z hi z on off 1 1 hi z on hi z on
NCN1154 http://onsemi.com 3 operating conditions maximum ratings symbol pins parameter value unit v cc v cc positive dc supply voltage ? 0.5 to +6.0 v v is d+ to com+, d ? to com ? analog signal voltage ? 0.5 to +6.0 v l to com+, r to com ? ? 2.5 to v cc + 0.5 tx to com+, rx to com ? ? 2.5 to v cc + 0.5 v is com+, com ? dc signal voltage tolerance (<24 hours) 5.25 v v in in1, in2 control input voltage ? 0.5 to +6.0 v i cc v cc positive dc supply current 50 ma t s storage temperature ? 65 to +150 c i is_con com+, com ? , r, l, d+, d ? , rx, tx analog signal continuous current ? closed switch  100 ma i is_pk com+, com ? , r, l, d+, d ? , rx, tx analog signal continuous current 10% duty cycle  500 ma i in in1, in2 control input current 1.0 ma stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. note: these devices have limited built ? in esd protection. the leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage. recommended operating conditions symbol pins parameter min max unit v cc v cc positive dc supply voltage 2.7 5.0 v v is d+ to com+, d ? to com ? analog signal voltage (note 1) gnd v cc v l to com+, r to com ? ? 2.0 v cc tx to com+, rx to com ? gnd v cc v in in1, in2 control input voltage gnd v cc v t a operating temperature ? 40 + 85 c minimum and maximum values are guaranteed through test or design across the recommended operating conditions, where applic- able. typical values are listed for guidance only and are based on the particular conditions listed for section, where applicab le. these conditions are valid for all values found in the characteristics tables unless otherwise specified in the test conditions. 1. in usb mode, any signal supplied to the off ? state audio inputs r, l may not swing below ground or above 1.5 v. dc electrical characteristics control input min and max apply for t a between ? 40 c to +85 c and t j up to +125 c (unless otherwise noted). typical values are referenced to t a = +25 c, v cc = 3.3 v. symbol pins parameter test conditions v cc (v) ? 40 c to +85 c unit min typ max v ih in1, in2 control input high voltage 2.7 3.3 4.2 1.3 1.4 1.5 ? ? v v il in1, in2 control input low voltage 2.7 3.3 4.2 ? ? 0.4 0.4 0.4 v i in in1, in2 current input leakage current 0 v is v cc ? ? 50 na
NCN1154 http://onsemi.com 4 supply current and leakage min and max apply for t a between ? 40 c to +85 c and t j up to +125 c (unless otherwise noted). typical values are referenced to t a = +25 c, v cc = 3.3 v. symbol pins parameter test conditions v cc (v) ? 40 c to +85 c unit min typ max i nc,no(off) d+, d ? r, l tx, rx off state leakage v com ? , v com+ = 0 v, 4.2 v v d+ , v d ? = 4.2 v, 0 v or float v l , v r = float or 4.2 v, 0 v 4.2 80 na i com(on) com ? , com+ on state leakage v com ? , v com+ = 0 v, 4.2 v v d+ , v d ? = 4.2 v, 0 v or float v l , v r = float or 4.2 v, 0 v 4.2 100 na i cc v cc quiescent supply v is = gnd to v cc ; i d = 0 a 4.2 21 35  a i off com ? , com+ power off leakage 0 v is 5.0 v 0 50  a usb on resistance min and max apply for t a between ? 40 c to +85 c and t j up to +125 c (unless otherwise noted). typical values are referenced to t a = +25 c, v cc = 3.3 v. symbol pins parameter test conditions v cc (v) ? 40 c to +85 c unit min typ max r on d+ to com+ d ? to com ? on ? resistance i on = 10 ma v is = 0 v to v cc 2.7 3.3 4.2 5.5 5.5 5.5 7.5 7.5 7.5  r flat d+ to com+ d ? to com ? on ? resistance flatness i on = 10 ma v is = 0 v to v cc 2.7 3.3 4.2 0.08 0.08 0.08   r on d+ to com+ d ? to com ? on ? resistance matching i on = 10 ma v is = 0 v to v cc 2.7 3.3 4.2 0.03 0.03 0.03  audio on resistance min and max apply for t a between ? 40 c to +85 c and t j up to +125 c (unless otherwise noted). typical values are referenced to t a = +25 c, v cc = 3.3 v. symbol pins parameter test conditions v cc (v) ? 40 c to +85 c unit min typ max r on r to com+ l to com ? on ? resistance i on = 10 ma v is = ? 1.5 to 1.5 2.7 3.3 4.2 3.0 3.0 3.0 4.7 4.7 4.7  r flat r to com+ l to com ? on ? resistance flatness i on = 10 ma v is = ? 1.5 to 1.5 2.7 3.3 4.2 0.11 0.11 0.11   r on r to com+ l to com ? on ? resistance matching i on = 10 ma v is = ? 1.5 to 1.5 2.7 3.3 4.2 0.03 0.03 0.03  r sh l, r shunt resistance (resistor + switch) i on = 10 ma 2.7 ? 4.2 118 160  uart on resistance min and max apply for t a between ? 40 c to +85 c and t j up to +125 c (unless otherwise noted). typical values are referenced to t a = +25 c, v cc = 3.3 v. symbol pins parameter test conditions v cc (v) ? 40 c to +85 c unit min typ max r on tx to com+ rx to com ? on ? resistance i on = 10 ma v is = 0 v to v cc 2.7 3.3 4.2 5.5 5.5 5.5 7.5 7.5 7.5  r flat tx to com+ rx to com ? on ? resistance flatness i on = 10 ma v is = 0 v to v cc 2.7 3.3 4.2 0.08 0.08 0.08   r on tx to com+ rx to com ? on ? resistance matching i on = 10 ma v is = 0 v to v cc 2.7 3.3 4.2 0.03 0.03 0.03 
NCN1154 http://onsemi.com 5 ac electrical characteristics timing/frequency min and max apply for t a between ? 40 c to +85 c and t j up to +125 c (unless otherwise noted). typical values are referenced to t a = +25 c, v cc = 3.3 v. r l = 50  , c l = 35 pf, f = 1 mhz. symbol pins parameter test conditions v cc (v) ? 40  c to +85  c unit min typ max t on turn ? on time (closed to open) 15  s t off turn ? off time (closed to open) 67 ns t bbm break ? before ? make time 11  s bw d+ / d- tx / rx r / l ? 3 db bandwidth c l = 5 pf r s = 50  820 800 750 mhz isolation min and max apply for t a between ? 40 c to +85 c and t j up to +125 c (unless otherwise noted). typical values are referenced to t a = +25 c, v cc = 3.3 v. r l = 50  , c l = 5 pf. symbol pins parameter test conditions v cc (v) ? 40  c to +85  c unit min typ max o irr open off ? isolation f = 100 khz, r s = 50  ? 81 db x talk com+ to com ? non ? adjacent channel crosstalk f = 100 khz, r s = 50  ? 93 db thd+n total harmonic distortion + noise in1, in2 = 3.0 v f = 20 hz to 20 khz v com = 0.5 v pp r l = 600  3.0 0.001 % psrr power supply rejection ratio f = 10 khz r com = 50  3.0 60 db capacitance min and max apply for t a between ? 40 c to +85 c and t j up to +125 c (unless otherwise noted). typical values are referenced to t a = +25 c, v cc = 3.3 v. r l = 50  , c l = 5 pf, f = 1 mhz. symbol pins parameter test conditions ? 40  c to +85  c unit min typ max c in in1, in2 control pin input capacitance v cc = 0 v 2.0 pf c on d+, tx to com+ d ? , rx to com ? usb, uart on capacitance 9.0 pf c on r to com+ l to com ? audio on capacitance 8.5 pf c off d+, d ? tx, rx usb, uart off capacitance 3.5 pf
NCN1154 http://onsemi.com 6 table of graphs symbol parameter figure ne near end signaling eye diagram 3, 4, 5, 6 fe far end signaling eye diagram 7, 8, 9, 10 bw frequency response 11, 12, 13 figure 3. reference near end eye diagram (path trough dedicated line, temp = 25  c) figure 4. usb switch near end eye diagram (v cc = 3.6 v, in1 = 0, in2 = 1, temp = 25  c) figure 5. uart switch near end eye diagram (v cc = 3.6 v, in1 = 1, in2 = 1, temp = 25  c) figure 6. audio switch near end eye diagram (v cc = 3.6 v, in1 = 1, in2 = 0, temp = 25  c)
NCN1154 http://onsemi.com 7 figure 7. reference far end eye diagram (path trough dedicated line, temp = 25  c) figure 8. usb switch far end eye diagram (v cc = 3.6v, in1 = 0, in2 = 1, temp = 25  c) figure 9. uart switch far end eye diagram (vcc = 3.6 v, in1 = 1, in2 = 1, temp = 25  c) figure 10. audio switch far end eye diagram (v cc = 3.6 v, in1 = 1, in2 = 0, temp = 25  c)
NCN1154 http://onsemi.com 8 0 ? 1 ? 2 ? 3 ? 4 ? 5 ? 6 ? 7 ? 8 ? 9 ? 10 100k 1m 10m 100m 1000m frequency (hz) figure 11. usb path frequency response magnitude (db) 100k 1m 10m 100m 1000m 0 ? 1 ? 2 ? 3 ? 4 ? 5 ? 6 ? 7 ? 8 ? 9 ? 10 frequency (hz) figure 12. uart path frequency response magnitude (db) frequency (hz) figure 13. audio path frequency response magnitude (db) 100k 1m 10m 100m 1000m 0 ? 1 ? 2 ? 3 ? 4 ? 5 ? 6 ? 7 ? 8 ? 9 ? 10 tx rx l r d+ d ?
NCN1154 http://onsemi.com 9 package dimensions uqfn12 1.7x2.0, 0.4p case 523ae ? 01 issue a a b a1 0.05 c seating plane note 3 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters 3. dimension b applies to plated terminal and is measured between 0.15 and 0.30 mm from terminal tip. 4. mold flash allowed on terminals along edge of package. flash 0.03 max on bottom surface of terminals. 5. detail a shows optional construction for terminals. dim min max millimeters a a1 0.40 bsc 0.45 0.55 b d 0.45 0.55 e e l 0.00 0.05 pin 1 reference d a e b 0.10 c 2x 0.10 c 2x 0.05 c c k 7 5 1 11 12x e l 12x 2.00 bsc 0.15 0.25 12x a3 detail b 8x l2 detail b optional construction 0.15 ref l2 k 0.127 ref a3 1.70 bsc top view side view bottom view note 5 l1 detail a detail a b a c c m 0.10 m 0.05 0.32 11x 2.30 0.69 0.40 dimensions: millimeters mounting footprint 1 soldermask defined 0.00 0.03 l1 0.22 2.00 pitch 12x 0.20 ---- *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 NCN1154/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NCN1154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X